Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1160
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1160 Datasheet HTML 4Page - Linear Technology LT1160 Datasheet HTML 5Page - Linear Technology LT1160 Datasheet HTML 6Page - Linear Technology LT1160 Datasheet HTML 7Page - Linear Technology LT1160 Datasheet HTML 8Page - Linear Technology LT1160 Datasheet HTML 9Page - Linear Technology LT1160 Datasheet HTML 10Page - Linear Technology LT1160 Datasheet HTML 11Page - Linear Technology LT1160 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1160/LT1162
11602fb
TI I G DIAGRA
OPERATIO (Refer to Functional Diagram)
The LT1160 (or 1/2 LT1162) incorporates two indepen-
dent driver channels with separate inputs and outputs. The
inputs are TTL/CMOS compatible; they can withstand
input voltages as high as V+. The 1.4V input threshold is
regulated and has 300mV of hysteresis. Both channels are
noninverting drivers. The internal logic prevents both
outputs from simultaneously turning on under any input
conditions. When both inputs are high both outputs are
actively held low.
The floating supply for the top driver is provided by a
bootstrap capacitor between the Boost pin and the Top
Source pin. This capacitor is recharged each time the
negative plate goes low in PWM operation.
The undervoltage detection circuit disables both channels
when V+ is below the undervoltage trip point. A separate
UV detect block disables the high side channel when
VBOOST – VTSOURCE is below its own undervoltage trip
point.
The top and bottom gate drivers in the LT1160 each utilize
two gate connections: 1) a gate drive pin, which provides
the turn on and turn off currents through an optional series
gate resistor, and 2) a gate feedback pin which connects
directly to the gate to monitor the gate-to-source voltage.
Whenever there is an input transition to command the
outputs to change states, the LT1160 follows a logical
sequence to turn off one MOSFET and turn on the other.
First, turn-off is initiated, then VGS is monitored until it has
decreased below the turn-off threshold, and finally the
other gate is turned on.
10V
2V
IN TOP
IN BOTTOM
TOP GATE
DRIVER
BOTTOM
GATE
DRIVER
2V
0.8V
2V
0.8V
12V
0V
12V
0V
tr
tD1
tD3
10V
2V
tr
tD2
tD4
tf
tD3
tD2
tf
tD4
1160/62 TD
tD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com