Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1160
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160 Datasheet(HTML) 4 Page - Linear Technology

  LT1160 Datasheet HTML 1Page - Linear Technology LT1160 Datasheet HTML 2Page - Linear Technology LT1160 Datasheet HTML 3Page - Linear Technology LT1160 Datasheet HTML 4Page - Linear Technology LT1160 Datasheet HTML 5Page - Linear Technology LT1160 Datasheet HTML 6Page - Linear Technology LT1160 Datasheet HTML 7Page - Linear Technology LT1160 Datasheet HTML 8Page - Linear Technology LT1160 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1160/LT1162
11602fb
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (kHz)
1
60
50
40
30
20
10
0
10
100
1000
1160/62 G04
CGATE = 10000pF
CGATE = 1000pF
50% DUTY CYCLE
V+ = 12V
CGATE = 3000pF
TEMPERATURE (
°C)
–50
100
13
12
11
10
9
8
7
6
5
4
1160/62 G06
0
–25
25
50
75
125
SHUTDOWN THRESHOLD
START-UP THRESHOLD
VTSOURCE = 60V
TEMPERATURE (
°C)
–50
14
13
12
11
10
9
8
7
6
5
4
0
50
75
1160/62 G08
–25
25
100
125
V+ = 12V
VIN = 4V
DC Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
100
14
13
12
11
10
9
8
7
6
5
1160/62 G02
0
–25
25
50
75
125
BOTH INPUTS
HIGH OR LOW
VINTOP = HIGH
VINBOTTOM = LOW
VINTOP = LOW
VINBOTTOM = HIGH
V+ = 12V
INPUT FREQUENCY (kHz)
1
60
50
40
30
20
10
0
10
100
1000
1160/62 G03
V+ = 20V
50% DUTY CYCLE
CGATE = 3000pF
V+ = 15V
V+ = 10V
DC + Dynamic Supply Current
vs Input Frequency
DC Supply Current
vs Supply Voltage
DC + Dynamic Supply Current
vs Input Frequency
TEMPERATURE (
°C)
–50
100
13
12
11
10
9
8
7
6
5
4
1160/62 G05
0
–25
25
50
75
125
SHUTDOWN THRESHOLD
START-UP THRESHOLD
Undervoltage Lockout (V +)
Undervoltage Lockout (VBOOST)
Input Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
100
2.0
1.8
1.6
1.4
1.2
1.0
0.8
1160/62 G07
0
–25
25
50
75
125
VLOW
VHIGH
V+ = 12V
INPUT VOLTAGE (V)
4
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
8
9
1160/62 G09
56
7
10
11
12
V+ = 12V
Top or Bottom Input Pin Current
vs Input Voltage
(LT1160 or 1/2 LT1162)
SUPPLY VOLTAGE (V)
8
20
14
13
12
11
10
9
8
7
6
5
1160/62 G01
12
10
14
16
18
22
BOTH INPUTS
HIGH OR LOW
VINTOP = LOW
VINBOTTOM = HIGH
VINTOP = HIGH
VINBOTTOM = LOW
Top or Bottom Input Pin Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com