Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2523 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 9Page - STMicroelectronics AN2523 Datasheet HTML 10Page - STMicroelectronics AN2523 Datasheet HTML 11Page - STMicroelectronics AN2523 Datasheet HTML 12Page - STMicroelectronics AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN2523
Functional changes and silicon fixes in STR91xFA
13/23
Impact: The workaround solution for STR91xF is to use an external reset supervisor device.
The STR91xFA will work fine if an external supervisor device is used, it will also work fine if
the device is removed.
6.8
Watchdog
Functional Fix: SCU Control Register control bits will not disable the Watchdog
Description: Watchdog Mode is enabled by setting the WE bit in the WDG_CR register.
Once enabled the Watchdog cannot be disabled by software by clearing the WE bit. In the
System Control Unit, the SCU_PCGR1 and SCU_PRR1 registers also control the clocking
and reset operation of the peripherals, including the Watchdog.
By setting bit 12 of either of the two registers in STR91xF, the Watchdog will lose its clock or
go into reset state and become disabled. This is in contradiction to the Watchdog
specification that once it is enabled, it cannot be disabled by software.
Impact: This problem is fixed on the STR91xFA. There is no need to modify your software
as bit 12 of the two registers become "don't care" bit. Once the Watchdog timer is enabled,
cannot be disabled in the STR91xFA through software control.
If for any reason there is a need to temporarily prevent the watchdog from timing out
(example: EEPROM emulation Flash bank erase), you can change the watchdog
configuration in the STR91xFA to provide a period of time of no watchdog activity. This can
be achieved by switching from the fast 48 MHz PCLK to the slow 32 kHz RTC clock as the
watchdog counter clock source. With the RTC clock, the CPU only needs to update the
watchdog once every ten seconds. Please note once the RTC clock is selected as the
Watchdog counter clock, you cannot switch the clock source to the PCLK as long as the
Watchdog is enabled.
6.9
Motor Control
Functional Fix: PWM Output Polarity
Description: The Motor Control (MC) drives 3-Phase PWM signals and complementary
signals (UH, UL, VH, VL, WH, WL). There are two situations where the MC outputs remain a
constant:
1.
When the Compare register (MC_CMPx) value is greater than the Compare 0 Register
(MC_CMP0), the corresponding PWM output signal is held at '1'.
2.
When the Compare register (MC_CMPx) value is 0, the corresponding PWM output
signal is held at '0'.
The output is a constant at "1" and "0" for the above two configurations when the polarity bits
in the MC_PSR register are set to "0".
The MC outputs (UH and UL, for example) are complementary to each other. But for the
above two configurations in STR91xF the outputs are not complementary and both signals
stay at the same level. This problem is fixed in STR91xFA.
Impact: This problem is fixed in STR91xFA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com