Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2523 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 15Page - STMicroelectronics AN2523 Datasheet HTML 16Page - STMicroelectronics AN2523 Datasheet HTML 17Page - STMicroelectronics AN2523 Datasheet HTML 18Page - STMicroelectronics AN2523 Datasheet HTML 19Page - STMicroelectronics AN2523 Datasheet HTML 20Page - STMicroelectronics AN2523 Datasheet HTML 21Page - STMicroelectronics AN2523 Datasheet HTML 22Page - STMicroelectronics AN2523 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN2523
Enhancements in the STR91xFA devices
21/23
PSRAM configuration register, can be connected to any GPIO output pin and the signal
logic level is controlled by the firmware.
Impact: There is no impact for STR91xF users. The new BGA package is needed to
implement the new EMI signals
7.4.4
Asynchronous mode and PSRAM (Synchronous) mode timings
Description: The STR91xF supports asynchronous access only while the STR91xFA
supports both asynchronous and synchronous modes. There are timing differences
between the modes which are listed below:
1.
ALE pulse width - In asynchronous mode, the ALE pulse width is either 1 or 2 BLCK
clock periods in length. In synchronous mode, the ALE pulse width is truncated to half
or one and half of BCLK.
2.
In asynchronous mode, the control signals such as WRn, RDn, ALE are aligned to the
rising edge of BCLK, while in synchronous mode the signals are aligned with the falling
edge of BCLK.
3.
The WR and RD pulse widths are different in the two modes.
Impact: There is no impact for STR91xF users. The new BGA package is needed to
implement PSRAM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com