Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3266 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3266
Description  EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3266 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3266 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3266 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000. 11. 30
2/2
KTC3266
Revision No : 0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
30
10
3
1
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
13
10
30
0.01
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
CE
I - V
CCE
BASE-EMITTER VOLTAGE V
(V)
0
0
BE
I - V
CBE
4
8
12
16
400
800
1200
1600
CE(sat)
C
100
300
1K
3K
0.03
0.05
0.1
0.3
0.5
1
3
5
COMMON
EMITTER
I /I =20
C B
FE
C
100
300
1k
3k
10
30
50
100
300
500
1k
0.4
0.8
1.2
1.6
400
800
1200
1600
V
=2V
CE
20
24
2000
I =0mA
B
I =1mA
B
I =2mA
B
I =3mA
B
I =4mA
B
I =6mA
B
I =8mA
B
I =10mA
B
I =15mA
B
I =20mA
B
COMMON
EMITTER
Ta=25 C
COMMON EMITTER
2.0
2.4
2000
COMMON EMITTER
V
=2V
CE
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=
100
C
Ta=25 C
Ta=-25
C
Ta=25 C
Ta=-25 C
0.1
0.3
1
3
0
310
SINGLE NONREPETITIVE
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
*
I MAX.(PULSED)**
C
C
I MAX. (CONTINUOUS)
DC
OPE
RATIO
N
Ta
=25
C
10
0ms*
10m
s*
PULSE Ta=25 C
PULSE WIDTH:10ms(MAX.)
*
DUTY CYCLE:30%, Ta=25 C
0.01
0.03
0.1
0.3
1
3
10
0
0
25
50
75
100
125
150
100
200
300
400
500
600
700
175



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com