Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3266 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3266
Description  EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3266 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3266 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3266 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 11. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC3266
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
POWER AMPLIFIER APPLICATION.
POWER SWITCHING APPLICATION.
FEATURES
Low Saturation Voltage.
: VCE(sat)=0.5V(Max.) at IC=2A
Complementary to KTA1296.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Base Current
IB
0.5
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=6V, IC=0
-
-
0.1
A
DC Current Gain
hFE(1) (Note)
VCE=2V, IC=0.1A
120
-
400
hFE(2)
VCE=2V, IC=2A
75
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=0.1A
-
-
0.5
V
Base-Emitter Voltage
VBE
VCE=2V, IC=0.1A
-
-
0.85
V
Transition Frequency
fT
VCE=2V, IC=0.5A
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
30
-
pF
Note : hFE(1) Classification
Y:120 240, GR:200 400


Similar Part No. - KTC3266

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3266 KEC-KTC3266_15 Datasheet
79Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC3266

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1296 KEC-KTA1296 Datasheet
72Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1718D KEC-KTA1718D Datasheet
413Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC2815D KEC-KTC2815D Datasheet
405Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3209 KEC-KTC3209 Datasheet
410Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
KTC4379 KEC-KTC4379 Datasheet
381Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com