Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2604 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2604
Description  STM32F101xx and STM32F103xx RTC calibration
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2604 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2604 Datasheet HTML 5Page - STMicroelectronics AN2604 Datasheet HTML 6Page - STMicroelectronics AN2604 Datasheet HTML 7Page - STMicroelectronics AN2604 Datasheet HTML 8Page - STMicroelectronics AN2604 Datasheet HTML 9Page - STMicroelectronics AN2604 Datasheet HTML 10Page - STMicroelectronics AN2604 Datasheet HTML 11Page - STMicroelectronics AN2604 Datasheet HTML 12Page - STMicroelectronics AN2604 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2604 - Application note
RTC calibration basics
9/14
As described above, the STM32F10xxx RTC clock calibration circuit subtracts cycles only
from crystal clocks. And based on the fact that the RTC prescaler value is set by default to
32 768, faster crystal frequencies (> 32 768 Hz) can be calibrated whereas slower crystal
frequencies (< 32 768 Hz) cannot be compensated for. So only crystal frequencies in the
range [32 772, 32 768] can be calibrated.
Since the crystal frequency may vary about 32.768 kHz, a solution may be considered that
consists in setting the RTC prescaler to 32 766 (instead of 32 768). The crystal frequency is
thus compared to 32 766 instead of 32 768. In this way, a crystal frequency in the range [32
770, 32 766] can be compensated.
Throughout the rest of the document, the considered RTC prescaler value will be 32 766.
62
59
153
126
120
311
63
60
156
127
121
314
Table 1.
Calibration table: compensation values in ppm and seconds per month
(30 days) (continued)
Calibration
value
Value in ppm
rounded to
the nearest
ppm
Value in seconds
per month (30
days) rounded to
the nearest
second
Calibration
value
Value in ppm
rounded to
the nearest
ppm
Value in seconds
per month (30
days) rounded to
the nearest
second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com