Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2604 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2604
Description  STM32F101xx and STM32F103xx RTC calibration
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2604 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2604 Datasheet HTML 1Page - STMicroelectronics AN2604 Datasheet HTML 2Page - STMicroelectronics AN2604 Datasheet HTML 3Page - STMicroelectronics AN2604 Datasheet HTML 4Page - STMicroelectronics AN2604 Datasheet HTML 5Page - STMicroelectronics AN2604 Datasheet HTML 6Page - STMicroelectronics AN2604 Datasheet HTML 7Page - STMicroelectronics AN2604 Datasheet HTML 8Page - STMicroelectronics AN2604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2604 - Application note
RTC calibration basics
5/14
1
RTC calibration basics
1.1
Crystal accuracy
The term “quartz-accurate” has become a familiar phrase used to describe the accuracy of
many time keeping functions. Quartz oscillators provide an accuracy far superior to that of
other conventional oscillator designs, but they are not perfect. Quartz crystals are sensitive
to temperature variations. Figure 1 shows the relationship between accuracy (acc),
temperature (T) and curvature (K) for a typical 32.768 kHz crystal. The curve follows the
general formula given below:
, where:
To = 25 °C ± 5 °C
K = –0.040 ppm/°C2
Note:
The variable K is crystal-dependent, the value indicated here is for the crystal mounted on
the STM3210B-EVAL board. Refer to the crystal manufacturer for more details on this
parameter.
The clocks used in most applications require a high degree of accuracy, and there are
several factors involved in achieving this accuracy. Typically most crystals are compensated
for by adjusting the load capacitance of the oscillator. This method, though effective, has
several disadvantages:
1.
it requires external components (trim capacitors)
2.
it can increase the oscillator current (a major factor in battery-supported applications)
Instead of this crude analog method, STM32F10xxx products use a digital calibration
feature that gives the user software control over the calibration procedure, and make it user-
friendly.
Figure 1.
Typical crystal accuracy plotted against temperature
acc
k
T
To
()
2
×
=
–100
–80
–60
–40
–20
0
20
40
–30
–20
–10
0
10
20
30
40
50
60
70
80
Temperature (˚C)
Accuracy (ppm)
ai14625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com