Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2639 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2639
Description  Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2639 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2639 Datasheet HTML 5Page - STMicroelectronics AN2639 Datasheet HTML 6Page - STMicroelectronics AN2639 Datasheet HTML 7Page - STMicroelectronics AN2639 Datasheet HTML 8Page - STMicroelectronics AN2639 Datasheet HTML 9Page - STMicroelectronics AN2639 Datasheet HTML 10Page - STMicroelectronics AN2639 Datasheet HTML 11Page - STMicroelectronics AN2639 Datasheet HTML 12Page - STMicroelectronics AN2639 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID14016 Rev 4
9/15
AN2639
Soldering
Refer to Figure 3 for the recommended reflow soldering profiles.
STMicroelectronics Lead-free packages are warranted for such reflow profile conditions.
Figure 3. Recommended reflow soldering profile
Table 3. JEDEC standard Lead-free reflow profile (according to J-STD-020D) (1)
1. All temperatures refer to topside of the package, measured on the body surface.
Profile feature
Lead-free assembly
Average ramp-up rate (Tsmax to TP)
3 °C/second max.
Preheat
-Temperature Min (Tsmin)
-Temperature Max (Tsmax)
-Time (tL)
150 °C
200 °C
60-120 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
217°C
60-150 seconds
Peak/classification temperature (TP)
Package dependant, see temperature indicated
on box label.
Time within 5 °C of actual peak temperature (TP) 30 seconds
Ramp-down rate
6°C/second max.
Time 25 °C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com