Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2639 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2639
Description  Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2639 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2639 Datasheet HTML 1Page - STMicroelectronics AN2639 Datasheet HTML 2Page - STMicroelectronics AN2639 Datasheet HTML 3Page - STMicroelectronics AN2639 Datasheet HTML 4Page - STMicroelectronics AN2639 Datasheet HTML 5Page - STMicroelectronics AN2639 Datasheet HTML 6Page - STMicroelectronics AN2639 Datasheet HTML 7Page - STMicroelectronics AN2639 Datasheet HTML 8Page - STMicroelectronics AN2639 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID14016 Rev 4
5/15
AN2639
SMD presentation
3
SMD presentation
Unlike through hole technology where leads are inserted into the printed circuit board, SMD
(surface mount device) package is attached directly onto mounting pads of the substrate.
SMT is extensively used in electronic applications because it has the following advantages:
•
Packages are smaller and support higher pin counts
•
Packages are light and compact, thus reducing system sizes
•
Mounting can be done on either side of the PCB
•
No cost for drilling holes into the PCB
Surface mount technology also comes along with a few disadvantages:
•
Increased sensitivity to soldering heat because of their thinner dimension
•
Soldering conditions harder to determine (use of finer structures and higher pin count)
3.1
Handling SMDs
Though the intrinsic reliability of SMD packages is now excellent, the use of inappropriate
techniques or unsuitable tools during mechanical handling can affect the long term reliability
of the device, or even destroy it.
When handling a SMD package, it is strongly recommended to use adapted tools such as
vacuum pipes to avoid touching the pins as much as possible. Manual handling could affect
lead coplanarity and cause lead contamination or scratches that could generate solderability
problems. It is also not allowed to widen the interval between two consecutive pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com