Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2646 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 9Page - STMicroelectronics AN2646 Datasheet HTML 10Page - STMicroelectronics AN2646 Datasheet HTML 11Page - STMicroelectronics AN2646 Datasheet HTML 12Page - STMicroelectronics AN2646 Datasheet HTML 13Page - STMicroelectronics AN2646 Datasheet HTML 14Page - STMicroelectronics AN2646 Datasheet HTML 15Page - STMicroelectronics AN2646 Datasheet HTML 16Page - STMicroelectronics AN2646 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AN2646 - Application note
ISO 7816-3 – electronic signal and transmission protocol
13/43
For external clock cards:
initial etu = 372/fi s
work etu = (1/D)*(F/fs) s
The minimum value of fs must be 1 MHz.
The maximum value of fs is given in Table 4.
I and P define the active state on VPP.
●
Maximum programming current: Ipp = 1 mA
●
Programming voltage : Vpp = P.V
N is an extra guardtime requested by the card. Before receiving the next character, the card
requires a delay of at least (12+N) etu from the leading edge of the previous character. No
extra guardtime is used to send characters from the card to the interface device.
The default values of these parameters are:
F = 372; D = 1; I = 50; P = 5; N = 0
Integer values represent the number of global interface bytes
The global interface bytes, TA1, TB1, TC1, TB2 contain integer values FI,DI, II, PI1, N and
PI2 which either directly contain or are used to compute the values of the parameters F, D, I,
P, N presented above.
TA1 codes FI over the most significant half byte (b8 to b5) and DI over the least significant
half byte (b4 to b1).
TB1 codes II over bits b7 and b6, and PI1 over the 5 least significant bits b5 to b1. The most
significant bit b8 has a value of 0.
Note:
The interface device may ignore bit b8 of TB1.
TC1 codes N over the eight bits (b8 to b1).
TB2 codes PI2 over the eight bits (b8 to b1).
RFU : Reserved for Future Use
Table 4.
Clock rate conversion factor F
Values
FI
0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111
F
372
558
774
1116 1488 1860 RFU RFU
512
768
1024 1536 2048 RFU RFU
Freq
max
-
5
6
8
12
16
20
-
-
5
7.5
10
15
20
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com