Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2646 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 35Page - STMicroelectronics AN2646 Datasheet HTML 36Page - STMicroelectronics AN2646 Datasheet HTML 37Page - STMicroelectronics AN2646 Datasheet HTML 38Page - STMicroelectronics AN2646 Datasheet HTML 39Page - STMicroelectronics AN2646 Datasheet HTML 40Page - STMicroelectronics AN2646 Datasheet HTML 41Page - STMicroelectronics AN2646 Datasheet HTML 42Page - STMicroelectronics AN2646 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN2646 - Application note
Smartcard interface example
39/43
To get file characteristics:
●
Select the file the characteristics of which are needed
●
Get the data returned after issuing the SelectFile APDU command by sending a
GETRESPONSE command
The IMSI file has 9 data bytes, so to run correctly the READ_BINARY commands, the
following parameters are used:
●
P1 = 0x00
●
P2 = 0x00
●
LE = 0x09
Figure 13. Get Response from a file at a specified path (example)
CLA=0xA0: to Select class GSM11
INS=0xA4: command to Select file
P1=0x00: not used
P2=0x00: not used
LC=0x02: Data file length
If SW1=0x00 Data: Address of the file or the folder to select
SW1 or SW1 and SW2 or ACK or NULL
CLA=0xA0: to Select class GSM11
INS=0xC2: command to get response
P1=0x00: not used
P2=0x00: not used
LE=SW2 : length of data to be returned
SW1 or SW1 and SW2 or ACK or NULL
GSM Card
Smartcard Interface
Receive the LE bytes from the card if SW1=0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com