Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS10P3CL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS10P3CL
Description  Dual Common Cathode Schottky Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P3CL Datasheet(HTML) 1 Page - Vishay Siliconix

  SS10P3CL Datasheet HTML 1Page - Vishay Siliconix SS10P3CL Datasheet HTML 2Page - Vishay Siliconix SS10P3CL Datasheet HTML 3Page - Vishay Siliconix SS10P3CL Datasheet HTML 4Page - Vishay Siliconix SS10P3CL Datasheet HTML 5Page - Vishay Siliconix SS10P3CL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS10P2CL, SS10P3CL
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
1
Document Number: 89036
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Dual Common Cathode Schottky Rectifiers
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters, and
polarity protection application.
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
20 V, 30 V
IFSM
200 A
EAS
20 mJ
VF at IF = 5 A
0.338 V
TJ max.
150 °C
Package
TO-277A (SMPC)
Diode variations
Dual Common Cathode
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMP® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS10P2CL
SS10P3CL
UNIT
Device marking code
S102CL
S103CL
Maximum repetitive peak reverse voltage
VRRM
20
30
V
Maximum average forward rectified current (fig. 1)
total device
IF(AV)
10
A
per diode
5.0
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Non-repetitive avalanche energy at 25 °C, IAS = 2 A per diode
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS10P3CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10P3CL VISHAY-SS10P3CL Datasheet
110Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
30-Jul-08
SS10P3CL VISHAY-SS10P3CL Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
10-May-11
SS10P3CL VISHAY-SS10P3CL Datasheet
89Kb / 5P
High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
13-Jan-15
SS10P3CL VISHAY-SS10P3CL Datasheet
104Kb / 5P
High Current Density Surface-Mount Dual Common Cathode Schottky Rectifiers
30-Jul-2021
SS10P3CL-E3/86A VISHAY-SS10P3CL-E3/86A Datasheet
110Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
30-Jul-08
More results

Similar Description - SS10P3CL

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode Schottky Rectifiers
19-May-08
logo
GOOD-ARK Electronics
MBR10150CT GOOD-ARK-MBR10150CT Datasheet
183Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
logo
Taiwan Semiconductor Co...
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com