Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2675 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2675
Description  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 9Page - STMicroelectronics AN2675 Datasheet HTML 10Page - STMicroelectronics AN2675 Datasheet HTML 11Page - STMicroelectronics AN2675 Datasheet HTML 12Page - STMicroelectronics AN2675 Datasheet HTML 13Page - STMicroelectronics AN2675 Datasheet HTML 14Page - STMicroelectronics AN2675 Datasheet HTML 15Page - STMicroelectronics AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2675
IAP using TFTP
13/24
Figure 10.
DHCP Server configuration
●
The IAP application has to request an IP address from the DHCP pool. Enter the IP
pool starting address and the number of available addresses in the pool. The sample
above offers IP addresses from 192.168.0.01 up to and including 192.168.0.07.
●
The boot file is the name of the raw binary image of the application you want to upload
to the STR912 Flash memory.
●
There's no need to specify a WINS/DNS server address or default router unless your
IAP application requires direct Internet access. Make sure that the network mask and
the IP pool addresses fit your local network configuration.
●
Additional Option is used to define the size of the file to download. For this put 13 in the
first blank that is the number of the size file option and insert the size of the file in term
of 512 bytes in the second, i.e. if the file size is 4 Kbytes you will put 8.
●
Finally press Save to let TFTPD32 store the values in the Windows registry and select
the TFTP Server tab to return to the initial window.
2.4.3
How to start IAP operation
At reset, the position of the joystick button selects if IAP operation is started or not:
●
If the joystick button is pressed in, the IAP starts.
●
Else, the system jumps to the user application stored in Bank0.
To use the IAP driver efficiently, please use the following procedure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com