Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2675 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2675
Description  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics AN2675 Datasheet HTML 18Page - STMicroelectronics AN2675 Datasheet HTML 19Page - STMicroelectronics AN2675 Datasheet HTML 20Page - STMicroelectronics AN2675 Datasheet HTML 21Page - STMicroelectronics AN2675 Datasheet HTML 22Page - STMicroelectronics AN2675 Datasheet HTML 23Page - STMicroelectronics AN2675 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
IAP using HTTP
AN2675
20/24
3.5
Running the IAP application
3.5.1
User project configuration
●
The user application to be loaded must be built at address 0x80000 which is the
location of Bank0 if it has been remapped. There is no need to remap Bank0 and
Bank1 as this has already been done in the IAP software.
●
In the file 91x_fmi.h, uncomment the line "#define Remap_Bank_1" to be compatible
with the bank remapping.
An example is provided with this application to show the project settings of a user program
which can be loaded in the STR91xFA internal Flash using IAP.
3.5.2
How to start IAP operation
At reset, the position of the joystick button selects if IAP operation is started or not:
●
If the joystick button is pressed in, the IAP starts.
●
Else, the system jumps to the user application stored in Bank0.
To use the IAP driver efficiently, please use the following procedure:
1.
1. Using the CAPS tool, remap the banks of the Flash memory like this:
Bank 1 at 0x00 and make it the boot bank at power up.
Bank 0 at 0x80000.
2.
Using JTAG, load the IAP driver into Bank1.
3.
Connect the STR912 board to a PC using a crossover Ethernet cable or through an
Ethernet switch.
4.
If you are using a firewall application, you will need to disable it.
5.
Press the reset button while holding the joystick button pressed in to start the IAP
process.
6.
With an internet browser, connect to the board using the following address:
192.168.0.1. The page shown in Figure 15 should appear on the browser:
7.
Select the directory of the binary file of the new firmware to upload and press the Send
File button.
8.
When the transfer is terminated, the page in Figure 16 is displayed
9.
If you want to execute the uploaded code, select Jump and validate. Or, if you want to
upload another file, select Back and validate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com