Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708GS Datasheet(PDF) 67 Page - NEC

Part # UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Datasheet(HTML) 67 Page - NEC

Back Button UPD6708GS Datasheet HTML 63Page - NEC UPD6708GS Datasheet HTML 64Page - NEC UPD6708GS Datasheet HTML 65Page - NEC UPD6708GS Datasheet HTML 66Page - NEC UPD6708GS Datasheet HTML 67Page - NEC UPD6708GS Datasheet HTML 68Page - NEC UPD6708GS Datasheet HTML 69Page - NEC UPD6708GS Datasheet HTML 70Page - NEC UPD6708GS Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
67
µPD6708
10. PACKAGE DRAWINGS
5
16 PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
F
G
H
I
J
K
20.32 MAX.
2.54 (T.P.)
3.5±0.3
0.51 MIN.
4.31 MAX.
1.27 MAX.
L
0.25
7.62 (T.P.)
5.08 MAX.
6.5
N
1.1 MIN.
P
0.800 MAX.
0.050 MAX.
0.043 MIN.
0.138±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.300 (T.P.)
0.256
0.01
0.043 MIN.
0.100 (T.P.)
1.1 MIN.
P16C-100-300B-1
D
0.50±0.10
0.020
M
0.25
0.010
+0.10
–0.05
R0
∼15°
0
∼15°
+0.004
–0.005
+0.004
–0.003
NOTES
Each lead centerline is located within 0.25 mm (0.01 inch)
of its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1)
2)
M
18
16
9
A
B
C
N
F
D
M
R
K
L
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com