Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708GS Datasheet(PDF) 15 Page - NEC

Part # UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Datasheet(HTML) 15 Page - NEC

Back Button UPD6708GS Datasheet HTML 11Page - NEC UPD6708GS Datasheet HTML 12Page - NEC UPD6708GS Datasheet HTML 13Page - NEC UPD6708GS Datasheet HTML 14Page - NEC UPD6708GS Datasheet HTML 15Page - NEC UPD6708GS Datasheet HTML 16Page - NEC UPD6708GS Datasheet HTML 17Page - NEC UPD6708GS Datasheet HTML 18Page - NEC UPD6708GS Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
15
µPD6708
<3> Acknowledge bit at the end of a message length field
When either of the following conditions is met, the acknowledge bit at the end of the message length field is NAK,
and communication is discontinued.
•
If the parity of the message length bits is incorrect.
•
If a timing error occurs.
<4> Acknowledge bit at the end of a data field
When any of the following conditions is met, the acknowledge bit at the end of a data field is NAK, and communication
is discontinued.
•
If the parity of the data bits is incorrect Note.
•
If a timing error occurred in or after the previous acknowledge bit transmission.
•
If the receive buffer is full and cannot accept any more data Note.
Note
In this case, if the number of transfer bytes is within the maximum number of bytes which can be transmitted, the
transmitting side re-executes transmission of that data field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com