Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2695 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2695
Description  Differences between the ST10F276Z5 and its emulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2695 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2695 Datasheet HTML 5Page - STMicroelectronics AN2695 Datasheet HTML 6Page - STMicroelectronics AN2695 Datasheet HTML 7Page - STMicroelectronics AN2695 Datasheet HTML 8Page - STMicroelectronics AN2695 Datasheet HTML 9Page - STMicroelectronics AN2695 Datasheet HTML 10Page - STMicroelectronics AN2695 Datasheet HTML 11Page - STMicroelectronics AN2695 Datasheet HTML 12Page - STMicroelectronics AN2695 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2695
ST10F276Z5 peripherals not supported by the emulators
9/13
5
ST10F276Z5 peripherals not supported by the
emulators
This section describes all emulation issues caused by peripherals not supported by the
ST10 emulators.
5.1
ST10F276Z5 Flash memory
Description: in emulation, the bond-out is running code from the RAM mapped into the
ST10 bond-out memory space.
ST10F276Z5 emulation impacts:
●
the automatic remapping of the Flash memory in normal or bootstrap mode is not
supported. This leads to have a specific software for each memory mapping.
●
the Flash memory specificities are not supported (Flash programming commands are
not recognized, reading any Flash memory register leads to undefined contents).
ST10F276Z5 Flash memory limitations: during emulation, some emulators do not protect
the emulated Flash memory against write access by the ST10F276Z5. The bond-out, when
properly configured, protects the internal Flash memory. Then, external hardware placed on
the emulated XFlash can protect it during emulation.
Please, contact your emulator provider to have more information on the Flash memory
support.
5.2
Bootstrap and Alternate Boot mode
Description: the ST10F276Z5 bootstrap modes cannot be supported by the emulator. The
ST10F276Z5 has a dual bootstrap via UART or CAN and supports alternate boot.
This limitation is not specific to the ST10F276Z5, it is also applicable to the ST10F269Zx.
ST10F276Z5 emulation impacts:
●
the dual boot is not supported
●
alternate bootstrap is not supported (ST10 bond-out does not decode Port0
configuration for alternate boot).
To debug the bootstrap software routines, it is required to have a specific software for this
mode. This specific software, loaded into the emulator memory, must have the same boot
software as the one inside the boot-Flash of the ST10F276Z5, and all the needed software
from the other blocks of the Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com