Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2695 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2695
Description  Differences between the ST10F276Z5 and its emulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2695 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2695 Datasheet HTML 1Page - STMicroelectronics AN2695 Datasheet HTML 2Page - STMicroelectronics AN2695 Datasheet HTML 3Page - STMicroelectronics AN2695 Datasheet HTML 4Page - STMicroelectronics AN2695 Datasheet HTML 5Page - STMicroelectronics AN2695 Datasheet HTML 6Page - STMicroelectronics AN2695 Datasheet HTML 7Page - STMicroelectronics AN2695 Datasheet HTML 8Page - STMicroelectronics AN2695 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2695
Peripherals partly supported by the emulators
5/13
2.1.3
ADC power consumption control
Description: the ST10F276Z5 ADC can be shut off to further optimize power consumption.
This is done through the ADCON.6 (ADOFF) bit. This bit is not supported by the ST10 bond-
out. Application software should only write to this bit and not check it.
Software impact: no impact if ST’s advice is implemented.
Hardware impact: no impact.
ST10F276Z5 emulation impact: no impact if ST’s advice is implemented.
2.2
Real-time clock
Description: an external oscillator is required for the RTC clock of the ST10F276Z5
emulators because the low-power oscillator used to clock the ST10F276Z5 RTC is not
supported by the emulators.
Also, as the ST10F276Z5 in emulation mode cannot know if the bond-out is executing a
power-down instruction, the RTCCON.7 (RTOFF) bit cannot be emulated, only the default
value’0’ (RTC keeps running during power-down) can be supported.
Partial implementations: some emulators do not gate the RTC clock to block it when the
emulation is stopped. Some emulators also do not decode the RTCCON.8 (OSC) and
RTCCON.9 (OFF32) bits. Please, contact your emulator provider to have more information
on the RTC support.
Software impact: no impact for the Idle mode. For power-down, please refer to the
documentation given by the emulator supplier.
Hardware impact: external crystals for RTC are not supported. An external oscillator is
required to supply the emulator RTC input clock.
ST10F276Z5 emulation impact: no impact in Idle mode if ST’s advice is implemented. For
power-down, please refer to the documentation given by the emulator supplier.
2.3
Standby RAM
Description: the contents of the ST10F276Z5 standby RAM are not lost when the main
supply is switched off. If the standby supply is switched off while the circuit has no main
supply, the standby RAM contents are lost. ST10F276Z5 emulators do not support the
standby pin and their supply is different from the application supply (ST10 bond-out is still
supplied if main application is switched off).
Software impact: no impact.
Hardware impact: standby functionality pin is not fully supported.
ST10F276Z5 emulation impact: the main functionality of the standby RAM is emulated.
The ST10 bond-out memory contents are kept when the main supply is switched off but the
standby RAM functionality is not fully supported. The RAM contents are not lost when the
main and standby supplies of the application are switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com