Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2716 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 9Page - STMicroelectronics AN2716 Datasheet HTML 10Page - STMicroelectronics AN2716 Datasheet HTML 11Page - STMicroelectronics AN2716 Datasheet HTML 12Page - STMicroelectronics AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN2716
STCC08 description
Doc ID 14460 Rev 2
13/28
1.5.2
AC switch state detection after IN signal removal
When the IN signal is removed (to turn on or off the AC switch), a parasitic detection of the
AC switch state exists up to the next AC load current zero (see Figure 11 for AC inductive
load case). As the AVF signal remains at a low-level state when the control is removed
(ILOAD ≠ 0), the AC switch can be interpreted as an AC switch short circuit failure.
Figure 11.
Parasitic detection for inductive load
To ensure a correct detection of the AC switch state and to take into account the AC switch
failed in diode mode, when the IN control is removed and whatever the AC load used, the
AVF reading must be carried out according to Equation 7. For example, with F = 50 Hz, the
AVF signal can be read after 20 ms when the IN control has been removed.
Equation 7
Note:
Overall, the AVF signal should be read during several AC line cycles to avoid an incorrect
interpretation of the AC switch state.
AVF
IAC
VLine
IACT
-IACT
ILoad
IN
Parasitic detection
t (s)
t (s)
t (s)
t (s)
Delay
t
F
t
min
Delay
1
_
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com