Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2716 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics AN2716 Datasheet HTML 21Page - STMicroelectronics AN2716 Datasheet HTML 22Page - STMicroelectronics AN2716 Datasheet HTML 23Page - STMicroelectronics AN2716 Datasheet HTML 24Page - STMicroelectronics AN2716 Datasheet HTML 25Page - STMicroelectronics AN2716 Datasheet HTML 26Page - STMicroelectronics AN2716 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AN2716
Timing definitions
Doc ID 14460 Rev 2
23/28
define the
φAC phase shift. If RAC = 0 Ω, the rms IAC current and φAC phase shift are equal
respectively to rms ILoad current (ILoad_RMS) and φLoad phase shift of the AC load. If
RAC ≠ 0 Ω, the rms IAC current (IAC_RMS) and φAC phase shift depend on the value of the
resistor RAC and the AC load impedance. In this case, and according to Fresnel's diagram,
the maximum
φAC phase shift is defined by Equation 15 and Equation 16.
Equation 15
Equation 16
For example, in the worst case, if the minimum rms current (ILoad_min) and the maximum
φLoad phase shift of the AC load are respectively 0.1 A and 90°, the maximum φAC phase
shift is about 1.26 °. This phase shift is very low and can be neglected as most AC loads
have rms current higher than 0.1 A and phase shift lower than 90°. With RAC = RShunt
= 300 k
Ω and F = 50 Hz, t1_max and t2_min are respectively 1.7 ms and 8.3 ms.
Figure 19.
Fresnel’s diagram
Note:
If the AC load is a resistor, or is disconnected, the IAC current is in phase with the AC line
(
φAC = 0).
The STCC08 AVF signal should be read after the AC line peak voltage and before the t2
time to detect all AC switch states for most home appliance loads.
()
()
Load
rms
Load
AC
rms
AC
rms
Line
I
F
L
I
F
L
V
ϕ
π
ϕ
π
sin
2
sin
2
_
_
_
x
x
x
x
=
x
x
x
x
=
() ⎟
x
=
Load_max
rms_min
Load
rms_max
AC
AC_max
I
I
Arc
ϕ
ϕ
sin
sin
_
_
R . I
Load_RMS
(R
AC = 0)
2 . p .f . L . I
Load_RMS
(R + R
AC).IAC_RMS
2 .
π .f . L .I
AC_RMS
V
Line_RMS
φ
Load
φ
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com