Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2857 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 17Page - STMicroelectronics AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics AN2857 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN2857
Power consumption and wakeup time measurements and results
Doc ID 15241 Rev 3
21/31
5.1.2
Power consumption results in run mode
Note:
The results given above are different from those in the datasheets because a different
reference code is used. The reference code used for Flash and RAM execution is the same.
Table 5.
Power consumption results in run mode, code executed from Flash
Symbol
Parameter
Condition
VDD = 3.3 V
VDD = 5 V
Unit
ITOT
Supply current in
run mode
HSE crystal
fCPU = fMASTER = 24 MHz
11.0
11.4
mA
HSE external clock
fCPU = fMASTER = 24 MHz
10.8
10.8
HSE crystal
fCPU = fMASTER = 16 MHz
8.4
9.0
HSE external clock
fCPU = fMASTER = 16 MHz
8.2
8.2
HSI
fCPU = fMASTER = 16 MHz
8.1
8.1
HSI
fCPU = fMASTER/128 = 125 kHz
1.1
1.1
LSI
fCPU = fMASTER = 128 kHz
0.55
0.55
Table 6.
Power consumption results in run mode, code executed from RAM
Symbol
Parameter
Condition
VDD = 3.3 V
VDD = 5 V
Unit
ITOT
Supply current in
run mode
HSE crystal
fCPU = fMASTER = 24 MHz
5.2
5.6
mA
HSE external clock
fCPU = fMASTER = 24 MHz
5.0
5.0
HSE crystal
fCPU = fMASTER = 16 MHz
3.7
4.1
HSE external clock
fCPU = fMASTER = 16 MHz
3.5
3.5
HSI
fCPU = fMASTER = 16 MHz
3.4
3.4
HSI
fCPU = fMASTER/128 = 125 kHz
1.0
1.0
LSI
fCPU = fMASTER = 128 kHz
0.47
0.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com