Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2857 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics AN2857 Datasheet HTML 25Page - STMicroelectronics AN2857 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Power consumption and wakeup time measurements and results
AN2857
22/31
Doc ID 15241 Rev 3
Observations
●
Power consumption increases with clock frequency (fMASTER).
●
When the code is executed from RAM, the code execution time is longer than when the
code is executed from Flash.
●
Consumption does not depend on the supply voltage when an internal clock is used
(HSI or LSI). This is because the internal oscillators are supplied by the internal 1.8 V.
●
The effect of memory placement is not shown in Table 5 and Table 6. However, if the
size of a loop is smaller than the size of a memory block, placing the loop in the same
memory block can reduce power consumption. In this case, only one block of memory
is active.
●
The effect of the instruction executed is not shown in Table 5 and Table 6. However,
consumption in run mode depends on the executed instruction and the operands of this
instruction. Examples of instructions which do not consume at a high rate include:
INC A and NOP. Examples of instructions which consume at a high rate include LD
(from Flash) and ADD A, #$01.
●
Consumption of the crystal oscillator is about:
–
5 V: 0.6 mA
–
3.3 V: 0.3 mA
5.1.3
Power consumption results in wait mode
Observations:
●
Power consumption increases with clock frequency (fFMASTER).
●
Consumption does not depend on the supply voltage when an internal clock is used
(HSI or LSI). This is because the internal oscillators are supplied by the internal 1.8 V.
●
Consumption of the crystal oscillator is about:
–
5 V: 0.6 mA
–
3.3 V: 0.3 mA
Table 7.
Power consumption results in wait mode
Symbol
Parameter
Condition
VDD = 3.3 V
VDD = 5 V
Unit
ITOT
Supply current in
wait mode
HSE crystal
fCPU = fMASTER = 24 MHz
2.0
2.4
mA
HSE external clock
fCPU = fMASTER = 24 MHz
1.8
1.8
HSE crystal
fCPU = fMASTER = 16 MHz
1.6
2.0
HSE external clock
fCPU = fMASTER = 16 MHz
1.4
1.4
HSI
fCPU = fMASTER = 16 MHz
1.2
1.2
HSI
fCPU = fMASTER/128 = 125 kHz
1.0
1.0
LSI
fCPU = fMASTER = 128 kHz
0.50
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com