Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66291GP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M66291GP
Description  ASSP (USB2.0 Device Controller)
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291GP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M66291GP_15 Datasheet HTML 73Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 74Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 75Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 76Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 77Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 78Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 79Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 80Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 75 of 122
2.38 Drive Current Adjust Register
Drive Current Adjust Register (I_ADJ)
<Address : H'5E>
b15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
b0
LDRV
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
-
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
<H/W reset : H'0000>
<S/W reset : ->
<USB bus reset : ->
b
Bit name
Function
R
W
15~1
Reserved. Set it to “0”.
00
0
LDRV
Drive Current Adjust
0 :
When IOVcc=2.7~3.6V
1 :
When IOVcc=4.5~5.5V
(1) LDRV (Drive Current Adjust) Bit (b0)
This bit is used to adjust the drive current of the output pins.
The output pins here refer to D15/A0, D14/P6~D8/P0, D7~D0, *INT0, *INT1/*SOF, *Dreq0, and *Dreq1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com