Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66291GP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66291GP
Description  ASSP (USB2.0 Device Controller)
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291GP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66291GP_15 Datasheet HTML 9Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 10Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 11Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 12Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 13Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 14Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 15Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 16Page - Renesas Technology Corp M66291GP_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 11 of 122
Address
+1 address
+0 address
Reset state
b15
b8
b7
b0
H/W
S/W
USB bus
H’38
(Reserved)
H’3A
(Reserved)
H’3C
(Reserved)
H’3E
(Reserved)
H’40
CPU_FIFO Select Register
H'0000
-
-
H’42
CPU_FIFO Control Register
H'0800
-
-
H’44
CPU_FIFO Data Register
????
-
-
H’46
SIE_FIFO Status Register
H'0000
-
-
H’48
D0_FIFO Select Register
H'0000
-
-
H’4A
D0_FIFO Control Register
H'0800
-
-
H’4C
D0_FIFO Data Register
????
-
-
H’4E
DMA0_Transaction Count Register
H'0000
-
-
H’50
D1_FIFO Select Register
H'0000
-
-
H’52
D1_FIFO Control Register
H'0800
-
-
H’54
D1_FIFO Data Register
????
-
-
H’56
DMA1_Transaction Count Register
H'0000
-
-
H’58
FIFO Status Register
H'0000
H'0000
-
H’5A
Port Control Register
H'0000
-
-
H’5C
Port Data Register
H'0000
-
-
H’5E
Drive Current Adjust Register
H'0000
-
-
H’60
EP1 Configuration Register 0
H'0000
-
-
H’62
EP1 Configuration Register 1
H'0040
-
-
H’64
EP2 Configuration Register 0
H'0000
-
-
H’66
EP2 Configuration Register 1
H'0040
-
-
H’68
EP3 Configuration Register 0
H'0000
-
-
H’6A
EP3 Configuration Register 1
H'0040
-
-
H’6C
EP4 Configuration Register 0
H'0000
-
-
H’6E
EP4 Configuration Register 1
H'0040
-
-
H’70
EP5 Configuration Register 0
H'0000
-
-
H’72
EP5 Configuration Register 1
H'0040
-
-
H’74
EP6 Configuration Register 0
H'0000
-
-
H’76
EP6 Configuration Register 1
H'0040
-
-
Figure 2.2 Register Mapping (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com