Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2860 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2860
Description  EMC guidelines for STM8 microcontrollers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2860 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2860 Datasheet HTML 5Page - STMicroelectronics AN2860 Datasheet HTML 6Page - STMicroelectronics AN2860 Datasheet HTML 7Page - STMicroelectronics AN2860 Datasheet HTML 8Page - STMicroelectronics AN2860 Datasheet HTML 9Page - STMicroelectronics AN2860 Datasheet HTML 10Page - STMicroelectronics AN2860 Datasheet HTML 11Page - STMicroelectronics AN2860 Datasheet HTML 12Page - STMicroelectronics AN2860 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN2860
PCB layout recommendations
Doc ID 15267 Rev 5
9/17
3
PCB layout recommendations
Figure 1 and Figure 2 defines the appropriate bill of materials but, for EMC performance,
special attention must be paid to the layout which defines ground plane, track width and
length, etc.
It is also important to pay special attention to the following tasks:
●
The ground plane should be used as a shield below the device
●
The power supply planes must be designed around the device towards the other
components, as shown in Figure 3, Figure 4 and Figure 5. The purpose is to separate
the current flow supplying the rest of the application from the CPU power supply plane
●
Every supply pin should be decoupled by a ceramic capacitor. The capacitor should be
placed as close as possible to the supply pin and connected to VSS with a path as short
as possible.
STM8S and STM8AF devices require an additional external capacitor for a voltage regulator
connected through the VCAP pin:
●
The correct value of the capacitor is very critical (a min. 470 nF capacitance must be
kept in any condition)
●
The capacitor should be placed as close as possible to VCAP pin and with the shortest
ground plane.
Warning:
Special care must be taken on the device EMC robustness
when the application requires the use of an external (HSE)
oscillator (for instance, for permanent asynchronous
communication or time-dependent measuring) and the
internal clock source cannot be used.
A potential risk of EMC robustness degradation can be
minimized by applying the rules described below.
●
The ground path between the capacitor-loaded resonator and VSS must be as short as
possible.
●
It is better to use a resonator with a metal cap which should be connected to VSS
whenever possible.
●
An additional shielding structure should surround the area of the crystal resonator and
of the associated components (see Figure 3, Figure 4 and Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com