Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2860 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2860
Description  EMC guidelines for STM8 microcontrollers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2860 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2860 Datasheet HTML 1Page - STMicroelectronics AN2860 Datasheet HTML 2Page - STMicroelectronics AN2860 Datasheet HTML 3Page - STMicroelectronics AN2860 Datasheet HTML 4Page - STMicroelectronics AN2860 Datasheet HTML 5Page - STMicroelectronics AN2860 Datasheet HTML 6Page - STMicroelectronics AN2860 Datasheet HTML 7Page - STMicroelectronics AN2860 Datasheet HTML 8Page - STMicroelectronics AN2860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN2860
STM8 and EMC robustness
Doc ID 15267 Rev 5
5/17
1
STM8 and EMC robustness
Most STM8 product family applications require a high level of EMC robustness. The
considered level of robustness is closely linked to application purposes. The different levels
of robustness are defined by international EMC class standards together with criteria for
testing and measurement techniques used to classify these levels.
One of the pivotal IEC (international electrotechnical commission) standards is the IEC
61000 standard which defines the following robustness classes:
–
Class A: No failure detected
–
Class B: Failure detected but self-recovery after disturbance
–
Class C: An external user action needed to recover normal functionality
–
Class D: Normal functionality cannot be recovered
Note:
IEC is a world wide recognized authority on international standards for a vast range of safety
issues concerning electrical, electronic and related technologies. It is important to note that
there are several other recognized bodies concerning electronic safety standards besides
IEC, such as VDE in Germany, IET in the United Kingdom and the IEEE in the United
States.
Class B has a different meaning from that used in the IEC 61000 standard as it means in
this case that the application is classified from a safety point of view. See the IEC 60335
standard in the AN3181: Guidelines for obtaining IEC60335 Class B certification on STM8
family.
EMC robustness is a complex result of several factors and it depends on the component
design. However, a very good EMC robustness of any component may be degraded by its
incorrect position into the PCB design or by an incorrect hardware project. These factors are
discussed in more details in the next chapters.
Another important factor is the software solution which can significantly improve the
robustness of the application by a proper software reaction when any disturbance is
detected, which is fundamental, especially for Class-B compliant applications.
In most cases, it is possible to recover the application internally even if the user is not aware
of the internal issues. It is also possible to predict an imminent error state by using some
efficient techniques capable of testing permanently if both the MCU and the application work
properly.
Note:
These techniques are further described in the following documents: application notes
AN1015 (Software techniques for improving microcontroller EMC performance) and
AN3181 (Guidelines for obtaining IEC60335 Class B certification on STM8 family).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com