Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR604 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LR604
Description  600W 230V AVR Line Conditioner, Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR604 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LR604 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR604 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LR604 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
600W 230V AVR Line Conditioner, Power
Conditioner, AC Surge Protector, 3 Outlets
MODEL NUMBER: LR604
Description
600 watt Automatic Voltage Regulation (AVR) system/Protects sensitive electronics, computer accessories and
home theater equipment from power-related damage and performance problems/Extends the useful life of
connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal
operating temperatures/Reliable transformer-based voltage correction circuits maintain 230V nominal output
during voltage fluctuations between 189 and 247V/Two levels of voltage stabilization offer targeted response for
overvoltages and brownouts/Prevents equipment damage and power related performance problems for
computer accessories, printers, home theater equipment, a/v components and other sensitive electronic
devices/AC surge and EMI/RFI noise suppression/Supports loads up to 600 watts/3 AC outlets/3 diagnostic
LEDs display boost, trim and normal operation
Features
Maintains usable 230V nominal output by boosting undervoltages by 13.4%, starting at 189V and reducing overvoltages by 10.6% starting at 247V
Protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems
Extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating
temperatures
Two levels of voltage stabilization offers response to overvoltages and brownouts
Input voltages over 247V are reduced by 10.6%
Input voltages below 189V are boosted by 13.4%
600 watts power handling capability
340 joules AC surge suppression
EMI/RFI noise filtering prevents equipment interaction, system interference, lockups and other power-related audio and video artifacts
3 diagnostic LEDs indicate boost, trim and normal AVR operation
3 protected IEC-320 C13 outlets
IEC-320 C14 inlet accepts a variety of country specific cordsets
Highlights
Automatic voltage regulation
(AVR) and AC surge suppression
Maintains regulated 230V
nominal output over an input
range of 189 to 247V
600 watt / 2.6 amp capacity
3 IEC-320 C13 outlets with C14
inlet connection
LEDs display boost, trim and
normal operation
Applications
Maintains usable output voltage
during severe brownouts and
overvoltages for printers, fax
machines, computers,
audio/video equipment,
workstations, network nodes,
fileservers, phone systems,
point-of-sale terminals, and other
applications requiring steady
input power.
Package Includes
LR604 Line Conditioner
Warranty information
Instruction manual
1 / 3


Similar Part No. - LR604

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LR60400-1 LITTELFUSE-LR60400-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LR60400-3 LITTELFUSE-LR60400-3 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
More results

Similar Description - LR604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
1000W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
1200W 120V Line Conditioner
LC1200WM TRIPPLITE-LC1200WM Datasheet
394Kb / 2P
Line Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
600W 120V Wall-Mount Power Conditioner
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
600W 120V Power Conditioner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com