Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR604 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # LR604
Description  600W 230V AVR Line Conditioner, Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR604 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LR604 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR604 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LR604 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OUTPUT
Nominal Output Voltage(s)
Supported
230V
Output Receptacles
(3) C13
Output (VA)
600
Output (Watts)
600
INPUT
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
3 LEDs show AVR boost, trim and normal status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
340 joules
EMI / RFI AC Noise Suppression
20 dB
PHYSICAL
Shipping Weight (lbs.)
4.8
Shipping Weight (kg)
2.2
Unit Dimensions (hwd / in.)
5.25 x 5.5 x 4.8
Unit Dimensions (hwd / cm)
13.3 x 14 x 12.2
Material of Construction
ABS
Receptacle Color
BLACK
Form Factors Supported
Small tower
CERTIFICATIONS
Certifications
CE Rated
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com