Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LR2000
Description  2000W 230V AVR Line Conditioner, Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR2000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LR2000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR2000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LR2000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2000W 230V AVR Line Conditioner, Power
Conditioner, AC Surge Protector, 6 Outlets, Uniplug
adapter
MODEL NUMBER: LR2000
Description
Tripp Lite's LR2000 Automatic Voltage Regulation/AVR power conditioner prevents equipment damage,
performance problems and system degradation due to voltage fluctuations, line noise and transient surges.
Ensures 230V +/-10% output voltage for computer equipment, home theater systems and other sensitive
electronic devices during brownouts to 175 and overvoltages to 253V. Reliable transformer-based voltage
regulation offers two available levels of voltage boost to correct severe undervoltages, along with a single level
of voltage reduction for overvoltages. Network-grade AC surge and EMI/RFI noise suppression removes power
contaminants known to cause system interference, lockups and power-related audio and video artifacts. Extends
the useful life of connected equipment by enhancing power supply efficiency and preventing overtemperature conditions. Front panel LEDs offer metered
verification of input voltage level in 3 stages. Detachable IEC-320 C14 connector accepts a variety of worldwide replacement cordsets. Includes 6 outlets (2
NEMA 5-15R, 2 NEMA 6-15R and 2 IEC-320 C13), plus one UNIPLUG adapter capable of accommodating dozens of international plug types.
Features
Maintains regulated 208/220/240V nominal output (selectable).
Three levels of voltage stabilization offer targeted response to overvoltages, undervoltages and severe brownouts
Input voltages over 255V (@240V)/234V (@220V)/221V (@208V) are reduced by 9.8%
Input voltages between 204-223V (@240V)/ 189-204V (@220V)/ 179-193V (@208V) are boosted by 9%
Input voltages at or below 205V (@240V)/ 188V (@220V)/ 178 (208V)are boosted by 18.2%
2000 watts output power rating supports up to 8.7 amps
Network grade AC surge suppression
EMI/RFI noise filtering
5 diagnostic LEDs indicate boost, trim and normal AVR operation
6 protected outlets (2 NEMA 5-15R/2 NEMA 6-15R/2 IEC-320 C13)
IEC-320 C14 inlet connection supports user supplied country specific equipment cord set
Highlights
Automatic Voltage Regulation -
AVR System maintains 230V
+/-10%
Corrects brownouts to 175V and
overvoltages to 281V
Reliable single-cut, dual-boost
transformer based voltage
correction
6 Outlets (2 5-15R, 2 6-15R & 2
C13), 1 UNIPLUG adapter
2000 watts
Applications
Ideal for use with computer
accessories, laser printers, home
theater and professional A/V
systems, POS equipment and
other sensitive electronic devices
Package Includes
LR2000 Line Conditioner
2m C13 to NEMA 6-15P cord set
One UNIPLUG international plug
adapter
Instruction manual and warranty
information
1 / 3


Similar Part No. - LR2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
More results

Similar Description - LR2000

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
1000W 230V AVR Line Conditioner, Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
1200W 120V Line Conditioner
LC1200WM TRIPPLITE-LC1200WM Datasheet
394Kb / 2P
Line Conditioner
logo
Pepperl+Fuchs Inc.
KLD2-PC-1.1.IEC PF-KLD2-PC-1.1.IEC Datasheet
1Mb / 4P
Fieldbus Power Conditioner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com