Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # LR2000
Description  2000W 230V AVR Line Conditioner, Power Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR2000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LR2000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR2000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LR2000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OUTPUT
Nominal Output Voltage(s)
Supported
230V
Output Receptacles
(2) 5-15R; (2) C13; (2) 6-15R
Output (Watts)
2000
Outlet Details
Includes 1 uniplug adapter that converts one of the built-in outlets to accept a variety of country specific plug types
INPUT
Maximum Input Amps / Watts
10A
Input Cord Length (ft.)
6.5
Input Cord Length (m)
2
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
5 LEDs show incoming voltage status (Very Low / Low / Normal / High / Very High)
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
1200
EMI / RFI AC Noise Suppression
75 dB
PHYSICAL
Shipping Weight (lbs.)
8.8
Shipping Weight (kg)
4
Unit Dimensions (hwd / in.)
7 x 6 x 7
Unit Dimensions (hwd / cm)
17.8 x 15.2 x 17.8
Material of Construction
Polycarbonate
Form Factors Supported
Small tower placement supported
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com