Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2866 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics AN2866 Datasheet HTML 22Page - STMicroelectronics AN2866 Datasheet HTML 23Page - STMicroelectronics AN2866 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN2866
Non-contactless (contact) measurement method
21/24
Figure 22.
New coil samples
10. Characterization of the coil samples
As shown in Figure 23, the ideal tuning is close to Lant.
Figure 23.
Second coil characterization
11. Conclusion: the best coil prototype is the one tuned at a little more than 6.72 µH
(illustrated in Figure 24).
Figure 24.
Best antenna coil prototype
ai15827
6.72 µH (Lant)
6.85 µH (Lant +2%)
6.58 µH (Lant –2%)
V
F
13.56 MHz
6.58 µH 6.72 µH 6.85 µH
ai15826
ai15828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com