Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2866 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics AN2866 Datasheet HTML 22Page - STMicroelectronics AN2866 Datasheet HTML 23Page - STMicroelectronics AN2866 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Frequency versus application: recommendations
AN2866
22/24
7
Frequency versus application: recommendations
Before designing the tag antenna it is important to know which frequency has to be used in
your application.
●
Long-range (LR) products are usually tuned between 13.6 MHz and 13.7 MHz (for
distance optimization).
●
Standard short-range SR products are usually tuned between 13.6 MHz and 13.9 MHz
(for distance optimization).
●
Short-range products used as transport tickets are usually tuned between 14.5 MHz
and 15 MHz (for stack optimization).
These targeted frequencies should take into account the frequency shift due to the final
label material and environment. Let us take the example of a sticker tag with a paper label:
Paper and adhesive decrease the inlay antenna frequency by about 300 kHz. It is
therefore necessary to tune the initial inlay at about 13.9 MHz instead of the specified
13.6 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com