Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2972 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics AN2972 Datasheet HTML 22Page - STMicroelectronics AN2972 Datasheet HTML 23Page - STMicroelectronics AN2972 Datasheet HTML 24Page - STMicroelectronics AN2972 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2972
From design to production
Doc ID 15629 Rev 6
21/25
4
From design to production
Designers should expect some difference between the theoretical and the real performance
of the antenna on the PCB in the end application.
Here are a few considerations:
System level validation
It is paramount to take great care when validating the antenna tuning for the various
application use cases, whether it be programming traceability information on the
manufacturing line, performing inventory of several end-products in the warehouse or
reading data (end user).
Different reader profiles would result in distinct performance levels on a given M24LRxx
board.
Figure 24. Application examples
Considerations on the actual system tuning frequency
Even though all readers transmit at 13.56 MHz, the optimal tuning frequency of the
M24LRxx antenna is not necessarily exactly 13.56 MHz.
Some mutual mechanisms such as detuning/coupling between the reader antenna and the
tag antenna may lead to an M24LRxx antenna with an optimum tuning frequency different
from 13.56 MHz.
A good example is ST’s reference antenna (gerber files available from www.st.com) whose
tuning frequency is 13.74 MHz ((a)) to provide the best performance with the Feig MR101
reader.
a.
Using the method described in Section 2.5.3: Metal considerations.
ai17184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com