Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2972 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2972
Description  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics AN2972 Datasheet HTML 22Page - STMicroelectronics AN2972 Datasheet HTML 23Page - STMicroelectronics AN2972 Datasheet HTML 24Page - STMicroelectronics AN2972 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
From design to production
AN2972
22/25
Doc ID 15629 Rev 6
The read range varies depending on whether the M24LRxx board is read alone or stacked
with others (detuning effect). Figure 25 illustrates the detuning effect.
Figure 25. Detuning effect
The vicinity of another M24LRxx board may change the inductance dynamics. The boards
may couple with each other, leading to a resultant antenna resonant frequency different
from the individual one.
These are just examples of what may induce a difference between theory and real use
cases. They are meant to emphasize the need for real life validation of antenna designs.
PCB manufacturing process validation
The PCB fabrication parameters (such as the copper or epoxy layer thickness) have an
impact on the antenna inductance. Variations happen if the parameters of the PCB
fabrication process change or in case of a change of PCB supplier.
Departments such as quality, operations and manufacturing should therefore be made
aware of this.
Product packaging/housing considerations
The read range of the dual interface M24LRxx board can be greatly affected by the housing
of the final product.
The most obvious case is when a metallic housing is used. The product packaging then
behaves as a Faraday cage, preventing the reader energy and signal from attaining the dual
interface EEPROM device.
The housing might also influence the PCB antenna’s tuning frequency, which is why it is
always recommended to measure the RF performance of the application in the final product
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com