Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 9Page - STMicroelectronics AN3150 Datasheet HTML 10Page - STMicroelectronics AN3150 Datasheet HTML 11Page - STMicroelectronics AN3150 Datasheet HTML 12Page - STMicroelectronics AN3150 Datasheet HTML 13Page - STMicroelectronics AN3150 Datasheet HTML 14Page - STMicroelectronics AN3150 Datasheet HTML 15Page - STMicroelectronics AN3150 Datasheet HTML 16Page - STMicroelectronics AN3150 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID17048 Rev 3
13/25
AN3150
Proximity sensing electrode design
24
Figure 6. PCB layout of test electrodes
Characteristics of electrodes 1 to 9 are summarized in Table 2.
Table 2. Electrode descriptions and characteristics
Electrodes
Description
(shape, size, plane)
Conductive
area
Cx
1
Spiral, 400mm2, no plane
Spiral, 400mm2, ground plane
218mm2
1,27pF
10,98pF
0,75pF
2
Loop, 400mm2, no plane
Loop, 400mm2, ground plane
40mm2
1,1pF
3,98pF
0,32pF
3
Plain, 400mm2, no plane
Plain, 400mm2, ground plane
400mm2
1,57pF
11,62pF
0,75pF
4
Spiral, 100mm2, no plane
Spiral, 100mm2, ground plane
57,5mm2
0,87pF
3,84pF
0,27pF
5
Loop, 100mm2, no plane
Loop, 100mm2, ground plane
20mm2
0,85pF
2,5pF
0,26pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com