Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3150 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics AN3150 Datasheet HTML 19Page - STMicroelectronics AN3150 Datasheet HTML 20Page - STMicroelectronics AN3150 Datasheet HTML 21Page - STMicroelectronics AN3150 Datasheet HTML 22Page - STMicroelectronics AN3150 Datasheet HTML 23Page - STMicroelectronics AN3150 Datasheet HTML 24Page - STMicroelectronics AN3150 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Front Panel
AN3150
22/25
DocID17048 Rev 3
6
Front Panel
Each material type is defined with a dielectric permittivity constant, known as epsilon (
εr).
The higher
εr, the easier the electrical field is transmitted through the material.
If the proximity distance without any panel is tair0, it becomes tair1 when a panel is inserted
between the electrodes and the finger.
Equation 2 gives the formula at equivalent sensitivity tuning (same electrode, same CS, and
same threshold).
Equation 2
Example
If Tair0 = 5 cm and we insert a 5 mm glass panel (
εr = 10) by gluing it to the electrode PCB
with 0.5 mm of pressure sensitive adhesive (
εr = 3), then
Tair1 = 5 - (0.5/10 + 0.05/3) = 4.93 mm.
Note that the total distance between the finger and the electrode has increased due to the
good dielectric performance of the glass panel.
Figure 17. Influence of panel on detection distance
Tair1
Tair0 Σ T εr
⁄
()
–
=
Detection range
Tair0
Tair1
PCB
Electrode copper
Glue
Non conductive panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com