Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3163 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3163
Description  Configuring your ISO 15693 reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3163 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3163 Datasheet HTML 5Page - STMicroelectronics AN3163 Datasheet HTML 6Page - STMicroelectronics AN3163 Datasheet HTML 7Page - STMicroelectronics AN3163 Datasheet HTML 8Page - STMicroelectronics AN3163 Datasheet HTML 9Page - STMicroelectronics AN3163 Datasheet HTML 10Page - STMicroelectronics AN3163 Datasheet HTML 11Page - STMicroelectronics AN3163 Datasheet HTML 12Page - STMicroelectronics AN3163 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN3163
ISO 15693 RF reader upgrades
Doc ID 17157 Rev 2
9/13
3
ISO 15693 RF reader upgrades
Summary of upgrades to be brought to standard ISO 15693 RF readers to make them
support M24LRxx devices:
●
Set the Protocol _extension_flag to ‘1’ in the Get System Info command (2Bh):
“Memory size” in the response will subsequently be coded on 3 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Get Multiple block Security Status
command (2Ch) and code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Read Single block command (20h) and
code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Fast Read Single block command (C0h)
and code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Write Single block command (21h) and
code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Read Multiple block command (23h) and
code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Fast Read Multiple block command (C3h)
and code “first block number” on 2 bytes.
●
Set the Protocol _extension_flag to ‘1’ in the Lock Sector Password command
(B2h) and code “Sector number” on 2 bytes.
The Request_flags settings of the custom commands should be as follows. Please check
the flag values when using the commands:
●
Inventory commands: Inventory, Inventory Initiated, Fast Inventory Initiated
Table 10 shows the values of the flags for Inventory commands.
●
Read commands: Read Single Block, Read Multiple Block, Fast Read Single Block,
Fast Read Multiple Block (Option: add Status to the reply).
Table 11 shows the values of the flags for read commands.
Table 10.
Flags for inventory commands
RFU(B8)
Op
Slot
AFI
Prot Ext
INV
D R
S C (B1)
00
x
x
0
1
x
x
Table 11.
Flags for read commands
RFU(B8)
Op
Add
Sel
Prot Ext
INV
D R
S C (B1)
0
x
x
x
1
0
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com