Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3163 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3163
Description  Configuring your ISO 15693 reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3163 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3163 Datasheet HTML 1Page - STMicroelectronics AN3163 Datasheet HTML 2Page - STMicroelectronics AN3163 Datasheet HTML 3Page - STMicroelectronics AN3163 Datasheet HTML 4Page - STMicroelectronics AN3163 Datasheet HTML 5Page - STMicroelectronics AN3163 Datasheet HTML 6Page - STMicroelectronics AN3163 Datasheet HTML 7Page - STMicroelectronics AN3163 Datasheet HTML 8Page - STMicroelectronics AN3163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN3163
Accessing the M24LRxx memory
Doc ID 17157 Rev 2
5/13
The M24LRxx is now clearly recognized by the ISO 15693 RF reader via its IC
reference code (2Ch).
The ISO 15693 RF reader can now use the M24LRxx’s custom set of commands and
make the most of the M24LRxx’s broad data management capability.
3.
Access to the user memory:
The ISO 15693 RF reader is now able to use the extended command set provided with
the M24LRxx to access and manage its memory contents:
Table 4.
Get System Info response format when Error_flag is NOT set
Response
SOF
Response
_flags
Information
flags
UID
DSFID AFI
Memory
Size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits
8 bits 8 bits 0307FFh
2Ch
16 bits
Table 5.
Definition of request flags when the Inventory_flag is NOT set
Bit No
Flag
Level
Description
Bit 1
Subcarrier_flag(1)
1.
Subcarrier_flag refers to the M24LRxx-to-VCD communication.
0
A single subcarrier frequency is used by the M24LRxx
1
Two subcarrier frequencies are used by the M24LRxx
Bit 2
Data_rate_flag(2)
2.
Data_rate_flag refers to the M24LRxx-to-VCD communication
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory_flag
0
Defines the meaning of flags 5 to 8 as described below.
Bit 4
Protocol_extension_flag
0
No Protocol format extension
1
Protocol format extension
Bit 5
Select flag(3)
3.
If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
0
The request is executed by any M24LRxx according to
the setting of Address_flag
1
The request is executed only by the M24LRxx in
Selected state
Bit 6
Address flag(3)
0
The request is not addressed. UID field is not present.
The request is executed by all M24LRxxs.
1
The request is addressed. UID field is present. The
request is executed only by the M24LRxx whose UID
matches the UID specified in the request.
Bit 7
Option flag
0
Option not activated.
1
Option activated.
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com