Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1394 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 1 Page - Linear Technology

  LT1394 Datasheet HTML 1Page - Linear Technology LT1394 Datasheet HTML 2Page - Linear Technology LT1394 Datasheet HTML 3Page - Linear Technology LT1394 Datasheet HTML 4Page - Linear Technology LT1394 Datasheet HTML 5Page - Linear Technology LT1394 Datasheet HTML 6Page - Linear Technology LT1394 Datasheet HTML 7Page - Linear Technology LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1394
7ns, Low Power,
Single Supply, Ground-Sensing
Comparator
s
High Speed A/D Converters
s
Zero-Crossing Detectors
s
Current Sense for Switching Regulators
s
Extended Range V/F Coverters
s
Fast Pulse Height/Width Discriminators
s
High Speed Triggers
s
Line Receivers
s
High Speed Sampling Circuits
Propagation Delay vs
Input Overdrive
OVERDRIVE (mV)
0
12
10
8
6
4
2
0
10
20
30
40
1394 TA02
50
tPDLH
tPDHL
TA = 25°C
VSTEP = 100mV
VS = ±5V
, LTC and LT are registered trademarks of Linear Technology Corporation.
UltraFast is a trademark of Linear Technology Corporation.
s
UltraFast
TM: 7ns
s
Low Power: 6mA
s
Low Offset Voltage: 0.8mV
s
Operates Off Single 5V or Dual
±5V Supplies
s
Input Common Mode Extends to Negative Supply
s
No Minimum Input Slew Rate Requirement
s
Complementary TTL Outputs
s
Inputs Can Exceed Supplies without Phase Reversal
s
Pin Compatible with LT1016, LT1116 and LT1671
s
Output Latch Capability
s
Available in 8-Lead MSOP and SO Packages
The LT
®1394 is an UltraFast(7ns) comparator with comple-
mentary outputs and latch. The input common mode range
extends from 1.5V below the positive supply down to the
negative supply rail. Like the LT1016, LT1116 and LT1671,
this comparator has complementary outputs designed to
interface directly to TTL or CMOS logic. The LT1394 may
operate from either a single 5V supply or dual
±5V supplies.
Low offset voltage specifications and high gain allow the
LT1394 to be used in precision applications.
The LT1394 is designed for improved speed and stability for
a wide range of operating conditions. The output stage
provides active drive in both directions for maximum speed
intoTTL,CMOSorpassiveloadswithminimalcross-conduc-
tion current. Unlike other fast comparators, the LT1394
remains stable even for slow transitions through the active
region, which eliminates the need to specify a minimum input
slew rate.
The LT1394 has an internal, TTL/CMOS compatible latch for
retaining data at the outputs. The latch holds data as long as
the LATCH pin is held high. Device parameters such as gain,
offset and negative power supply current are not significantly
affected by variations in negative supply voltage.
45MHz Single Supply Adaptive Trigger
5V
–
+
A1
LT1227
A2
LT1006
INPUT
5V
5V
5V
TRIGGER
OUT
1394 F18
500pF
0.1
µF
510
Ω
470
Ω
470
Ω
750
Ω
36
Ω
1
3
2
4
14
13
15
5
6
12
10
11
2k
10
µF
2k
2k
0.1
µF
0.1
µF
0.005
µF
0.005
µF
100
µF
+
Q1, Q2, Q3, Q4 = CA3096 ARRAY:
TIE SUBSTRATE (PIN 16) TO GROUND
= 1N4148
LT1394
Q1
Q2
Q3
Q4
3M
3M
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1394

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394 Datasheet
239Kb / 20P
Pin Compatible with LM111 Series Devices
LT1394 LINER-LT1394 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1394 LINER-LT1394 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1394CMS8 LINER-LT1394CMS8 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
More results

Similar Description - LT1394

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
12ns, Single Supply Ground-Sensiing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671 LINER-LT1671 Datasheet
199Kb / 12P
60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116_15 Datasheet
152Kb / 8P
12ns, Single Supply Ground-Sensing Comparator
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com