Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1394 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 5 Page - Linear Technology

  LT1394 Datasheet HTML 1Page - Linear Technology LT1394 Datasheet HTML 2Page - Linear Technology LT1394 Datasheet HTML 3Page - Linear Technology LT1394 Datasheet HTML 4Page - Linear Technology LT1394 Datasheet HTML 5Page - Linear Technology LT1394 Datasheet HTML 6Page - Linear Technology LT1394 Datasheet HTML 7Page - Linear Technology LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1394
Output High Voltage (VOH) vs
Output Source Current
Negative Common Mode Limit vs
Temperature
1
0
–1
–2
–3
–4
–5
–6
LT1394 G09
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VS = ±5V
VS = SINGLE 5V
OUTPUT SINK CURRENT (mA)
02
6
10
14
16
1394 G10
4
8
12
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±5V
∆VIN = 30mV
Output Low Voltage (VOL) vs
Output Sink Current
OUTPUT SOURCE CURRENT (mA)
02
6
10
14
16
1394 G11
4
8
12
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±5V
∆VIN = –30mV
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
10
9
8
7
6
5
4
3
2
1
0
2
4
5
1394 G12
13
6
7
8
TA = –55°C
TA = 125°C
V– = 0V
VIN = –60mV
IOUT = 0
TA = 25°C
SWITCHING FREQUENCY (MHz)
1
16
14
12
10
8
6
4
2
0
10
100
1394 G13
TA = –55°C
TA = 125°C
VS = ±5V
TA = 25°C
Positive Supply Current vs
V+ Supply Voltage
Positive Supply Current vs
Switching Frequency
NEGATIVE SUPPLY VOLTAGE (V)
–8
0
1394 G14
–6
–4
–2
4
3
2
1
0
–7
–5
–3
–1
TA = –55°C
TA = 125°C
TA = 25°C
V+ = 5V
∆VIN = –60mV
8
7
6
5
4
3
2
1
0
LT1394 G15
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VS = ±5V
VLATCH = 0V
Latch Pin Current vs Temperature
Negative Supply Current vs
V – Supply Voltage
Response to 100MHz
±10mV
Sine Wave
0V
Q
OUT
3V
FET PROBES
5ns/DIV
1394 G16
+IN
20mVP-P
10mV/DIV
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com