Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1990
Description  Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 1 Page - Linear Technology

  LT1990 Datasheet HTML 1Page - Linear Technology LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1990
1
1990fb
■ Battery Cell Voltage Monitoring
■ High Voltage Current Sensing
■ Signal Acquisition in Noisy Environments
■ Input Protection
■ Fault Protected Front Ends
■ Level Sensing
■ Isolation
■ Pin Selectable Gain of 1 or 10
■ High Common Mode Voltage Range:
85V Window (VS = 5V, 0V)
±250V (VS = ±15V)
■ Common Mode Rejection Ratio: 70dB Min
■ Input Protection to
±350V
■ Gain Error: 0.28% Max
■ PSRR: 82dB Min
■ High Input Impedance: 2M
Ω Differential,
500k
Ω Common Mode
■ Micropower: 120
µA Max Supply Current
■ Wide Supply Range: 2.7V to 36V
■ –3dB Bandwidth: 100kHz
■ Rail-to-Rail Output
■ 8-Pin SO Package
±250V Input Range
G = 1, 10, Micropower,
Difference Amplifier
The LT
®1990 is a micropower precision difference ampli-
fier with a very high common mode input voltage range. It
has pin selectable gains of 1 or 10. The LT1990 operates
over a
±250V common mode voltage range on a ±15V
supply. The inputs are fault protected from common
mode voltage transients up to
±350V and differential
voltages up to
±500V.TheLT1990isideallysuitedforboth
high side and low side current or voltage monitoring.
On a single 5V supply, the LT1990 has an adjustable 85V
input range, 70dB min CMRR and draws less than 120
µA
supply current. The rail-to-rail output maximizes the dy-
namic range, especially important for single supplies as
low as 2.7V.
The LT1990 is specified for single 3V, 5V and
±15V
supplies over both commercial and industrial temperature
ranges. The LT1990 is available in the 8-pin SO package.
Full-Bridge Load Current Monitor
RS
+VSOURCE
IL
–12V
≤ VCM ≤ 73V
VOUT = VREF ± (10 • IL • RS)
–
+
40k
40k
100k
100k
900k
1M
1M
900k
10k
10k
VOUT
LT1990
LT6650
GND
IN
OUT
FB
54.9k
20k
1nF
1
µF
VREF = 1.5V
1990 TA01
5V
7
2
3
4
1
8
6
5
+
–
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
222Kb / 16P
250V Input Range G = 1, 10, Micropower, Difference Amplifier
LT1990 LINER-LT1990 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1990 LINER-LT1990 Datasheet
204Kb / 8P
Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1990 LINER-LT1990 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1990 LINER-LT1990 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
More results

Similar Description - LT1990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
222Kb / 16P
250V Input Range G = 1, 10, Micropower, Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com