Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1990
Description  Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology LT1990 Datasheet HTML 10Page - Linear Technology LT1990 Datasheet HTML 11Page - Linear Technology LT1990 Datasheet HTML 12Page - Linear Technology LT1990 Datasheet HTML 13Page - Linear Technology LT1990 Datasheet HTML 14Page - Linear Technology LT1990 Datasheet HTML 15Page - Linear Technology LT1990 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1990
13
1990fb
Large Signal Transient Response
Small Signal Transient Response
Small Signal Transient Response
TYPICAL PERFOR A CE CHARACTERISTICS
VS = ±15V
G = 1, –1
RL = 10k
VREF = GND
50
µs/DIV
GND
1990 G30
VS = ±15V
G = 1, –1
RL = 10k
VREF = GND
VS = 3V, 0V
G = 1, –1
RL = 10k
VREF = 1.5V
50
µs/DIV
50
µs/DIV
GND
1.5V
1990 G28
1990 G29
–
+
6
8
5
7
2
3
4
1
V+
–IN
V–
+IN
REF
GAIN1
OUT
GAIN2
R5
900k
R7
10k
R10
10k
R1
1M
R2
1M
R6
100k
R9
100k
R4
40k
R3
40k
R8
900k
1990 SS
BLOCK DIAGRA
REF (Pin 1): Reference Input. Sets the output level when
the difference between the inputs is zero.
–IN (Pin 2): Inverting Input. Connects a 1M
Ω resistor to
the op amp’s inverting input. Designed to permit high
voltage operation.
+IN (Pin 3): Noninverting Input. Connects a 1M
Ω resistor
to the op amp’s noninverting input. Designed to permit
high voltage operation.
V– (Pin 4): Negative Power Supply. Can be either ground
(in single supply applications) or a negative voltage (in
split supply applications).
GAIN2 (Pin 5): Gain = 10 Select Input. Configures the
amplifier for a gain of 10 when connected to the GAIN1 pin
and the REF pin. The gain is equal to one when both GAIN2
and GAIN1 are open. See Applications section for addi-
tional functions.
OUT (Pin 6): Output. VOUT = G • (V+IN – V–IN) + VREF, in the
basic configuration.
V+ (Pin 7): Positive Power Supply. Can range from 2.7V to
36V above the V– voltage.
GAIN1 (Pin 8): Gain = 10 Select Input. Configures the
amplifier for a gain of 10 when connected to the GAIN2 pin
and the REF pin. The gain is equal to one when both GAIN1
and GAIN2 are open. See Applications section for addi-
tional functions.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com