Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1065
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065 Datasheet(HTML) 3 Page - Linear Technology

  LTC1065 Datasheet HTML 1Page - Linear Technology LTC1065 Datasheet HTML 2Page - Linear Technology LTC1065 Datasheet HTML 3Page - Linear Technology LTC1065 Datasheet HTML 4Page - Linear Technology LTC1065 Datasheet HTML 5Page - Linear Technology LTC1065 Datasheet HTML 6Page - Linear Technology LTC1065 Datasheet HTML 7Page - Linear Technology LTC1065 Datasheet HTML 8Page - Linear Technology LTC1065 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1065
1065fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain
VS = ±2.375V, fCLK = 500kHz, fC = 5kHz
fIN = 1kHz
●
– 0.225
– 0.185
– 0.145
dB
fIN = 2.5kHz
●
– 1.1
– 1.0
– 0.83
dB
fIN = 4kHz
●
– 2.35
– 2.15
– 1.9
dB
fIN = 5kHz
●
– 3.35
– 3.1
– 2.7
dB
fIN = 10kHz
●
– 14.5
–14.1
–13.0
dB
Clock Feedthrough
±2.375V ≤ VS ≤ ±7.5V
50
µVRMS
Wideband Noise (Note 4)
±2.375V ≤ VS ≤ ±7.5V, 1Hz < f < fCLK
80
µVRMS
THD + Wideband Noise (Note 5)
VS = ±7.5V, fC = 20kHz, fIN = 1kHz,
– 87
dB
2VRMS ≤ VIN ≤ 2.5VRMS
Filter Output
± DC Swing
VS = ±2.375V
1.5/– 2.0
1.7/– 2.2
V
●
1.3/– 1.8
V
VS = ±5V
4.0/– 4.5
4.3/– 4.8
V
●
3.8/– 4.3
V
VS = ±7.5V
6.5/– 7.0
6.8/– 7.3
V
●
6.3/– 6.8
V
Input Bias Current
10
nA
Dynamic Input Impedance
800
M
Ω
Output DC Offset (Note 6)
VS = ±2.375V
2
mV
VS = ±5V
0
±5mV
VS = ±7.5V
– 4
mV
Output DC Offset Drift
VS = ±2.375V
10
µV/°C
VS = ±5V
20
µV/°C
VS = ±7.5V
25
µV/°C
Self-Clocking Frequency (fOSC)
R (Pin 4 to 5) = 20k, C (Pin 5 to GND) = 470pF
VS = ±2.375V
99
103
112
kHz
LTC1065C
●
95
103
112
kHz
LTC1065M
●
92
100
112
kHz
VS = ±5V
100
106
112
kHz
LTC1065C
●
98
106
114
kHz
LTC1065M
●
97
105
114
khz
VS = ±7.5V
102
106
114
kHz
LTC1065C
●
101
109
116
kHz
LTC1065M
●
100
108
116
kHz
External CLK Pin Logic Thresholds
VS = ±2.375V
Min Logical “1”
1.43
V
Max Logical “0”
0.47
V
VS = ±5V
Min Logical “1”
3
V
Max Logical “0”
1
V
VS = ±7.5V
Min Logical “1”
4.5
V
Max Logical “0”
1.5
V
Power Supply Current
VS = ±2.375V, fCLK = 500kHz
2.5
4.0
mA
LTC1065C
●
5.5
mA
LTC1065M
●
6.0
mA
VS = ±5V, fCLK = 500kHz
5.5
9
mA
LTC1065C
●
11
mA
LTC1065M
●
12
mA
VS = ±7.5V, fCLK = 500kHz
7.0
12.0
mA
LTC1065C
●
14.5
mA
LTC1065M
●
16.0
mA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ±5V, fCLK = 500kHz, fC = 5kHz, RL = 10k, TA = 25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com