Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1065
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1065 Datasheet HTML 2Page - Linear Technology LTC1065 Datasheet HTML 3Page - Linear Technology LTC1065 Datasheet HTML 4Page - Linear Technology LTC1065 Datasheet HTML 5Page - Linear Technology LTC1065 Datasheet HTML 6Page - Linear Technology LTC1065 Datasheet HTML 7Page - Linear Technology LTC1065 Datasheet HTML 8Page - Linear Technology LTC1065 Datasheet HTML 9Page - Linear Technology LTC1065 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1065
1065fb
INPUT FREQUENCY (kHz)
0
45
40
35
30
25
20
15
10
5
0
621
3
918
15
12
VS = ±5V
fC = 10kHz
1065 G17
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
HORIZONTAL: 0.1ms/DIV, VERTICAL: 2V/DIV
VS = ±5V, fC = 10kHz, VIN = 1kHz ±3VP
SQUARE WAVE
1065 G16
Transient Response
Group Delay
PI FU CTIO S
Power Supply Pins (Pins 6, 3, N Package)
The positive and negative supply pin should be bypassed
with a high quality 0.1
µFceramiccapacitor.Inapplications
where the clock pin (5) is externally swept to provide
several cutoff frequencies, the output DC offset variation
is minimized by connecting an additional 1
µF solid tanta-
lum capacitor in parallel with the 0.1
µF disc ceramic. This
technique was used to generate the graphs of the output
DC offset variation versus clock; they are illustrated in the
Typical Performance Characteristics section.
When the power supply voltage exceeds
±7V, and when
V – is applied before V+ (if V+ is allowed to go below
ground) connect a signal diode between the positive
supply pin and ground to prevent latch-up (see Typical
Applications).
Ground Pin (Pin 2, N Package)
The ground pin merges the internal analog and digital
ground paths. The potential of the ground pin is the
reference for the internal switched-capacitor resistors,
and the reference for the external clock. The positive input
of the internal op amp is also tied to the ground pin.
For dual supply operation, the ground pin should be
connected to a high quality AC and DC ground. A ground
plane, if possible, should be used. A poor ground will
degrade DC offset and it will increase clock feedthrough,
noise and distortion.
A small amount of AC current flows out of the ground pin
whether or not the internal oscillator is used. The fre-
quency of the ground current equals the frequency of the
clock. The average value of this current is approximately
55
µA, 110µA, 170µA for ±2.5V, ±5V and ±7.5V supplies
respectively.
For single supply operation, the ground pin should be
preferably biased at half supply (see Typical Applications).
VOS Adjust Pin (Pin 8, N Package)
The VOS adjust pin can be used to trim any small amount
of output DC offset voltage or to introduce a desired output
DC level. The DC gain from the VOS adjust pin to the filter
output pin equals two.
Any DC voltage applied to this pin will reflect at the output
pin of the filter multiplied by two.
If the VOS adjust pin is not used, it should be shorted to the
ground pin. The DC bias current flowing into the VOS adjust
pin is typically 10pA.
The VOS adjust pin should always be connected to an AC
ground; AC signals applied to this pin will degrade the filter
response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com