Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3250
Description  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics AN3250 Datasheet HTML 10Page - STMicroelectronics AN3250 Datasheet HTML 11Page - STMicroelectronics AN3250 Datasheet HTML 12Page - STMicroelectronics AN3250 Datasheet HTML 13Page - STMicroelectronics AN3250 Datasheet HTML 14Page - STMicroelectronics AN3250 Datasheet HTML 15Page - STMicroelectronics AN3250 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN3250
Setting up a Multi-Bank application
Doc ID 17761 Rev 1
13/16
At this time, the only way for the RFID reader to correctly identify each bank is to read the
E0E1
↔ UID mapping area. This enables the RFID reader to identify the bank number.
It is recommended to lock the sector to prevent from potential further unwanted information
loss.
The drawback of this method is the RFID reader needs to read the memory banks until it
gets to the mapping area, which may slow the process down.
3.2.2
RFID reader only is available during setup
In this configuration, only the RFID reader is available to allocate (identify) the banks. Since
there is no microcontroller, the use of signals E0 E1 to map the UID numbers is not possible,
as only the I2C master knows the corresponding E0 E1 values.
The following operation is to be performed with an ISO 15693 RFID reader supporting the
M24LR64-R device, and by placing only one Multi-Bank card (ANT4-M24LR-A or ANT5-
M24LR-A) at a time in the reader's field:
Perform an RF Inventory round.
Read the four UIDs (one for each bank).
Randomly attribute an UID value to each bank.
Program the DSFID value of each bank as follows:
Bank 0 (UID of Bank 0): DSFID = B0h
Bank 1 (UID of Bank 1): DSFID = B1h
Bank 2 (UID of Bank 2): DSFID = B2h
Bank 3 (UID of Bank 3): DSFID = B3h
Program the mapping area at the end of Bank 3, as the following:
Write the Bank 0 UID value at address 0x07F8 and 0x07F9
Write the Bank 1 UID value at address 0x07FA and 0x07FB
Write the Bank 2 UID value at address 0x07FC and 0x07FD
Write the Bank 3 UID value at address 0x07FE and 0x07FF
At this stage, the banks are allocated from the RF perspective. From the microcontroller's
perspective, users can access any of the 4 banks using signals E0 E1.
Designers can choose to define a scrambling table (E0E1
↔ UID) for the Microcontroller to
know which bank corresponds to each E0 and E1 signal configuration:
Read chip @E0E1 = 00b, read DSFID value and map (Bank x
↔ E0E1 = 00b)
Read chip @E0E1 = 01b, read DSFID value and map (Bank y
↔ E0E1 = 01b)
Read chip @E0E1 = 10b, read DSFID value and map (Bank z
↔ E0E1 = 10b)
Read chip @E0E1 = 11b, read DSFID value and map (Bank w
↔ E0E1 = 11b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com