Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3250 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3250
Description  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3250 Datasheet HTML 1Page - STMicroelectronics AN3250 Datasheet HTML 2Page - STMicroelectronics AN3250 Datasheet HTML 3Page - STMicroelectronics AN3250 Datasheet HTML 4Page - STMicroelectronics AN3250 Datasheet HTML 5Page - STMicroelectronics AN3250 Datasheet HTML 6Page - STMicroelectronics AN3250 Datasheet HTML 7Page - STMicroelectronics AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN3250
Designing an M24LR64-R multi-bank application
Doc ID 17761 Rev 1
5/16
M24LR64-R #2 (Bank 2)
Device addressed as (1,0): pin E0 connected to VSS and pin E1 connected to VCC.
M24LR64-R #3 (Bank 3)
Device addressed as (1,1): pin E0 connected to VCC and pin E1 connected to VCC.
To emulate a 256-Kbit device using four M24LR64-R devices, the 256 Kbits are dispatched
as follows:
●
M24LR64 #0 will store the 1st block of 64-Kbit EEPROM memory area.
●
M24LR64 #1 will store the 2nd block of 64-Kbit EEPROM memory area.
●
M24LR64 #2 will store the 3rd block of 64-Kbit EEPROM memory area.
●
M24LR64 #3 will store the 4th block of 64-Kbit EEPROM memory area.
2.2
Connecting several M24LR64-R devices on the same
inductive antenna
The RF interface of M24LR64 devices is based on a passive RFID technology operating at
13.56 MHz in compliance with ISO/IEC 15693 standards. The basic principles of this RF
technology and antenna design considerations are described in the following two application
notes:
●
AN2972: Designing an antenna for the M24LR64-R dual interface I²C/RFID device
●
AN3178: Using a surface mount inductor as an M24LRxx antenna
The basic principle of the M24LR64-R's antenna is very simple; the external antenna
inductance (LINDUCTOR) that must be integrated on the PCB should match the M24LRxx's
internal tuning capacitance (CTUNING_IC) in order to create a circuit resonating at 13.56
MHz. This is because ISO/IEC 15693 RFID readers operate in the 13.56 MHz high
frequency band.
In this reference design, we connect a number n of M24LR64-R devices in parallel on the
same antenna. The resulting equivalent tuning capacitance (CTUNING_MULTI-BANK) is n times
the tuning capacitance of a single M24LR64-R.
CTUNING_MULTI-BANK = n x CTUNING_IC
Device type identifier
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select code
1010
E2
10
RW
Device type identifier
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select code
1010
E2
11
RW
f
TUNING
1
2
Π
L
INDUCTOR
C
TUNINGIC
•
•
------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com