Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK596 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTK596
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK596 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTK596 Datasheet HTML 1Page - KEC(Korea Electronics) KTK596 Datasheet HTML 2Page - KEC(Korea Electronics) KTK596 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 8. 7
3/3
KTK596
Revision No : 3
1
0.5
30
0
INPUT VOLTAGE V
(mV)
IN
THD - V
V
- I
DSS
DRAIN CURRENT I
(µA)
50
100
300
1k
-120
THD - I
DSS
DRAIN CURRENT I
(µA)
50
100
300
1k
3
10
NO
DSS
-118
-116
-114
-112
-110
500
70
V
:V
=4.5V
V =0,A CURVE
R =1.0kΩ
I
:V
=5.0V
NO
CC
i
L
DSS
DS
IN
40
80
120
160
200
240
0.7
3
5
10
THD : V
=4.5V
f=1kHz
I
: V
=5.0V
CC
DSS
DS
I
=100
µA
DSS
I
=250
µA
DSS
I
=400
µA
DSS
-6
300
1k
100
50
DRAIN CURRENT I
(µA)
DSS
G V - I
v
DSS
500
70
-4
-2
0
2
DS
DSS
in
CC
v
I
:V
=5.0V
f=1kHz
V =10mV
G V :V
=4.5V
1.5V
26
300
100
70
50
DRAIN CURRENT I
( A)
DSS
Z - I
DSS
500
70
5
7
30
50
DS
DSS
CC
I
: V
=5.0V
f=1kHz
THD : V
=4.5V
Z - I
DSS
DRAIN CURRENT I
(µA)
50
70 100
300
200
i
DSS
28
30
32
34
36
500
1k
Z :V
=4.5V
V =10mV
f=1kHz
I
:V
=5.0V
i
CC
in
DSS
DS
o
DSS
300
400
500
600
700
500
1k
DS
DSS
in
CC
o
I
:V
=5.0V
f=1kHz
V =10mV
Z :V
=4.5V
in
V =30mV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com