Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK596 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTK596
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK596 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTK596 Datasheet HTML 1Page - KEC(Korea Electronics) KTK596 Datasheet HTML 2Page - KEC(Korea Electronics) KTK596 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 8. 7
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTK596
N CHANNEL JUNCTION FIELD
EFFECT TRANSISTOR
Revision No : 3
CONDENSER MICROPHONE APPLICATION.
FEATURES
Expecially Suited for Use in Audio, Telephone.
Capacitor Microphones.
Excellent Voltage Characteristics.
Excellent Transient Characteristics.
MAXIMUM RATING (Ta=25
)
1
2
3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
H
J
K
1. SOURCE
2. GATE
3. DRAIN
3.20 MAX
4.30 MAX
0.55 MAX
2.40 0.15
1.27
2.30
14.00 0.50
0.60 MAX
1.05
1.45
25
0.55 MAX
L
M
N
EE
L
N
M
C
H
0.80
O0.75
O
B
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Gate-Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Drain Power Dissipation
PD
400
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate-Drain Breakdown Voltage
V(BR)GDO
IG=-100 A
-20
-
-
V
Gate-Source Cut-off Voltage
VGS(OFF)
VDS=5V, ID=1 A
-
-0.6
-1.5
V
Drain Current
IDSS (Note)
VDS=5V, VGS=0
100
-
480
A
Foward Transfer Admittance
| yfs |
VDS=5V, VGS=0, f=1kHz
0.4
1.2
-
mS
Input Capacitance
Ciss
VDS=5V, VGS=0, f=1MHz
-
3.5
-
pF
Reverse Transfer Capacitance
Crss
VDS=5V, VGS=0, f=1MHz
-
0.65
-
pF
Note : IDSS Classification A:100 170, B:150 240, C:210 350, C1:210~310, C2:290~350, D:320 480


Similar Part No. - KTK596

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTK596S KEC-KTK596S Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
More results

Similar Description - KTK596

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTK161 KEC-KTK161 Datasheet
80Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTK211 KEC-KTK211 Datasheet
401Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTK596S KEC-KTK596S Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597 KEC-KTK597 Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597E KEC-KTK597E Datasheet
44Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597V KEC-KTK597V Datasheet
45Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK598V KEC-KTK598V Datasheet
400Kb / 4P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION
KTK599TV KEC-KTK599TV Datasheet
446Kb / 3P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION
KTK697TV KEC-KTK697TV Datasheet
445Kb / 3P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION
KTK698TV KEC-KTK698TV Datasheet
447Kb / 3P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com