Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3972 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3972
Description  This document describes how to use the STM3210C-EVAL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3972 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3972 Datasheet HTML 3Page - STMicroelectronics AN3972 Datasheet HTML 4Page - STMicroelectronics AN3972 Datasheet HTML 5Page - STMicroelectronics AN3972 Datasheet HTML 6Page - STMicroelectronics AN3972 Datasheet HTML 7Page - STMicroelectronics AN3972 Datasheet HTML 8Page - STMicroelectronics AN3972 Datasheet HTML 9Page - STMicroelectronics AN3972 Datasheet HTML 10Page - STMicroelectronics AN3972 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN3972
Hardware kit
Doc ID 022161 Rev 1
7/21
Figure 3.
How to connect SPZB260-PRO adapter to the STM3210C-EVAL
The SPZB260-PRO is a 2.4 GHz ZigBee module compliant with FCC regulations (FCC ID:
S9NZB260A); for further information refer to the SPZB260-PRO datasheet. The M24LR64-
R is an EEPROM with both I2C interface and RF interface; this allows a “standard” memory
access for an MCU using the I2C and an access for a standard long range (ISO 15693/ISO
18000-3 mode 1) RFID reader. Using the RF interface, the memory can read/write even
when it is not powered. In this application, the EEPROM stores, in the first three 32-bit
memory locations, the TCP/IP network parameters:
●
IP address
●
Gateway IP address
●
IP address mask.
The parameters are programmed by the RFID reader with the board switched off and at the
power-on, during boot, the MCU reads the network parameters to configure the TCP/IP
stack. The 64-Kbit memory is organized into 8192 x 8 bits accessing from the I2C bus and
into 2048 x 32 bits accessing from the RF interface. M24LR64-R is the slave of the I2C
communication with STM32; the two jumpers included on the board are used to set the
slave address of the memory. For further information about M24LR64-R functionalities, refer
to the M24LR64-R datasheet; for information related to application development, several
application notes are available for downloading at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com